Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX14FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VCX14FT
Description  Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX14FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VCX14FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74VCX14FT/FK
2007-10-19
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C, 2.7 V < VCC <= 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.6
2.2
H-level
VP
3.0
2.0
V
3.6
0.8
Input voltage
L-level
VN
3.0
0.7
V
3.6
0.3
1.2
Hysteresis voltage
VH
3.0
0.3
1.2
V
IOH = −100 μA
2.7~3.6
VCC
− 0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIL
IOH = −24 mA
3.0
2.2
V
IOL = 100 μA
2.7~3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.7~3.6
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.7~3.6
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
2.7~3.6
±20.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7~3.6
750
μA
DC Characteristics (Ta = −40 to 85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VP
2.3
1.6
V
Input voltage
L-level
VN
2.3
0.5
V
Hysteresis voltage
VH
2.3
0.3
1.0
V
IOH = −100 μA
2.3~2.7
VCC
− 0.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
H-level
VOH
VIN = VIL
IOH = −18 mA
2.3
1.7
V
IOL = 100 μA
2.3~2.7
0.2
IOL = 12 mA
2.3
0.4
Output voltage
L-level
VOL
VIN = VIH
IOL = 18 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.3~2.7
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.3~2.7
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
2.3~2.7
±20.0
μA


Similar Part No. - TC74VCX14FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX14FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com