Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX08FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VCX08FK
Description  Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX08FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX08FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX08FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74VCX08FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX08FT,TC74VCX08FK
Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
The TC74VCX08FT/FK is a high-performance CMOS 2-input
AND gate which is guaranteed to operate from 1.2-V to 3.6-V.
Designed for use in 1.5V, 1.8V, 2.5V or 3.3V systems, it achieves
high-speed operation while maintaining the CMOS low power
dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
All inputs are equipped with protection circuits against static
discharge.
Features (Note)
• Low-voltage operation: VCC = 1.2~3.6 V
• High-speed operation: tpd = 2.8 ns (max) (VCC = 3.0~3.6 V)
: tpd = 3.7 ns (max) (VCC = 2.3~2.7 V)
: tpd = 7.4 ns (max) (VCC = 1.65~1.95 V)
: tpd = 14.8 ns (max) (VCC = 1.4~1.6 V)
: tpd = 37.0 ns (max) (VCC = 1.2 V)
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.65 V)
: IOH/IOL = ±2 mA (min) (VCC = 1.4 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
Note:
Electrical Characteristics of Vcc=1.5±0.1V and 1.2V apply only to products whose Lot Code is over "3 12" .
TC74VCX08FT
TC74VCX08FK
Weight
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)


Similar Part No. - TC74VCX08FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX08FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74LCX08F TOSHIBA-TC74LCX08F_12 Datasheet
210Kb / 9P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
TC74LCX08F TOSHIBA-TC74LCX08F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F Datasheet
251Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com