Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM75E2Y-H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # QM75E2Y-H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM75E2Y-H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  QM75E2Y-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM75E2Y/E3Y-H
HIGH POWER SWITCHING USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
DC chopper, DC motor controllers, Inverters
QM75E2Y/E3Y-H
94
80
(7)
(7)
20
20
27
φ6.5
12
E1
B1
M5
Tab#110,
t=0.5
C1
A1
E1
B1
E1
D1
D2
D2
D1
E1
E1
B1
C1
K1
LABEL
(E2Y)
(E3Y)
• IC
Collector current .......................... 75A
• VCEX
Collector-emitter voltage ........... 600V
• hFE
DC current gain............................... 75
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271


Similar Part No. - QM75E2Y-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
100Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM75E2Y-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com