Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM75E2Y-H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # QM75E2Y-H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM75E2Y-H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  QM75E2Y-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM75E2Y/E3Y-H
HIGH POWER SWITCHING USE
INSULATED TYPE
ABSOLUTE MAXIMUM RATINGS (Transistor part including D1, Tj=25
°C)
Symbol
VCEX (SUS)
VCEX
VCBO
VEBO
IC
–IC
PC
IB
–ICSM
Parameter
Collector-emitter voltage
Collector-emitter voltage
Collector-base voltage
Emitter-base voltage
Collector current
Collector reverse current
Collector dissipation
Base current
Surge collector reverse current
(forward diode current)
Conditions
IC=1A, VEB=2V
VEB=2V
Emitter open
Collector open
DC
DC (forward diode current)
TC=25
°C
DC
Peak value of one cycle of 60Hz (half wave)
Ratings
600
600
600
7
75
75
350
4.5
750
Unit
V
V
V
V
A
A
W
A
A
ABSOLUTE MAXIMUM RATINGS (Diode part (D2), Tj=25
°C)
Symbol
VRRM
VRSM
VR (DC)
IDC
IFSM
I2t
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
DC current
Surge (non-repetitive) forward current
I2t for fusing
Conditions
DC circuit, resistive, inductive load
Peak value of one cycle of 60Hz (half wave)
Value for one cycle of surge current
Ratings
600
720
480
75
1500
9.45
× 103
Unit
V
V
V
A
A
A2s
ABSOLUTE MAXIMUM RATINGS (Common)
Symbol
Tj
Tstg
Viso
Parameter
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Conditions
Charged part to case, AC for 1 minute
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
–40~150
–40~125
2500
1.47~1.96
15~20
1.96~2.94
20~30
210
Unit
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Unit
mA
mA
mA
V
V
V
µs
µs
µs
°C/W
°C/W
°C/W
Limits
Min.
75/100
Symbol
ICEX
ICBO
IEBO
VCE (sat)
VBE (sat)
–VCEO
hFE
ton
ts
tf
Rth (j-c) Q
Rth (j-c) R
Rth (c-f)
Parameter
Collector cutoff current
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Collector-emitter reverse voltage
DC current gain
Switching time
Thermal resistance
(junction to case)
Contact thermal resistance
(case to fin)
Test conditions
VCE=600V, VEB=2V
VCB=600V, Emitter open
VEB=7V
IC=75A, IB=1A
–IC=75A (diode forward voltage)
IC=75A, VCE=2V/5V
VCC=300V, IC=75A, IB1=–IB2=1.5A
Transistor part
Diode part
Conductive grease applied
Typ.
Max.
1.0
1.0
200
2.0
2.5
1.85
2.5
12
3.0
0.35
1.3
0.15
ELECTRICAL CHARACTERISTICS (Transistor part including D1, Tj=25
°C)


Similar Part No. - QM75E2Y-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
100Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM75E2Y-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com