Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5111010 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # R5111010
Description  General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

R5111010 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  R5111010 Datasheet HTML 1Page - Powerex Power Semiconductors R5111010 Datasheet HTML 2Page - Powerex Power Semiconductors R5111010 Datasheet HTML 3Page - Powerex Power Semiconductors R5111010 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - R5111010

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R5112x011B RICOH-R5112x011B Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R5112x011D RICOH-R5112x011D Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R5112x021B RICOH-R5112x021B Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R5112x031B RICOH-R5112x031B Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
More results

Similar Description - R5111010

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R7S01200A POWEREX-R7S01200A Datasheet
427Kb / 4P
   General Purpose Rectifier (1200 Amperes Average 2400 Volts)
RA204800A POWEREX-RA204800A Datasheet
439Kb / 4P
   General Purpose Rectifier (4800 Amperes Average 1200 Volts)
R9G01200A POWEREX-R9G01200A Datasheet
432Kb / 4P
   General Purpose Rectifier (1200 Amperes Average 5400 Volts)
R610 POWEREX-R610 Datasheet
686Kb / 6P
   General Purpose Rectifier (200-300 Amperes Average 1200 Volts)
R720 POWEREX-R720 Datasheet
990Kb / 4P
   General Purpose Rectifier (600-1200 Amperes Average 4400 Volts)
R5020210 POWEREX-R5020210 Datasheet
280Kb / 2P
   Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
IN4004 POWEREX-IN4004 Datasheet
582Kb / 4P
   General Purpose Rectifier 275 Amperes Average 1000 Volts
RA202500A POWEREX-RA202500A Datasheet
457Kb / 4P
   General Purpose Rectifier (2500 Amperes Average 4200 Volts)
RA203600A POWEREX-RA203600A Datasheet
471Kb / 4P
   General Purpose Rectifier (3600 Amperes Average 2400 Volts)
R7S0800A POWEREX-R7S0800A Datasheet
445Kb / 4P
   General Purpose Rectifier (800 Amperes Average 2400 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com