Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1085GCTRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL1085GCTRL
Description  3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1085GCTRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL1085GCTRL Datasheet HTML 3Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 4Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 9Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 10Page - Anpec Electronics Coropration APL1085GCTRL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.5 - Jun, 2003
APL1085
www.anpec.com.tw
10
Table 2. Pb-free Process – Package Classification Reflow Tem peratures
Package Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 m m
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 m m – 2.5 m m
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0
°C*
245 +0
°C*
245 +0
°C*
*Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and
including the stated classification tem perature (this m eans Peak reflow tem perature +0
°C.
For exam ple 260
°C+0°C) at the rated MSL level.
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Carrier Tape & Reel Dimension
Reliability Test Program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C, 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @125
°C
PCT
JESD-22-B,A102
168 Hrs, 100
%RH, 121°C
TST
MIL-STD-883D-1011.9
-65
°C~150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms, 1tr > 100mA
Table 1. SnPb Entectic Process – Package Peak Reflow Tem peratures
Package Thickness
Volume mm
3
<350
Volume mm
3
≥≥≥≥350
<2.5 m m
240 +0/-5
°C
225 +0/-5
°C
≥2.5 m m
225 +0/-5
°C
225 +0/-5
°C
Classificatin Reflow Profiles(Cont.)


Similar Part No. - APL1085GCTRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TRG ANPEC-APL108533FC-TRG Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TRL ANPEC-APL108533FC-TRL Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TUG ANPEC-APL108533FC-TUG Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TUL ANPEC-APL108533FC-TUL Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results

Similar Description - APL1085GCTRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com