Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1085GCTU Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1085GCTU
Description  3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1085GCTU Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1085GCTU Datasheet HTML 1Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 2Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 3Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 4Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 5Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 6Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 7Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 8Page - Anpec Electronics Coropration APL1085GCTU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.5 - Jun, 2003
APL1085
www.anpec.com.tw
4
0
0.5
1
1.5
2
2.5
3
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Typical Characteristics
T
J=125°C
T
J= 25°C
T
J= -50°C
T
J=0°C
-0.20
-0.15
-0.10
-0.05
0.0
0.05
0.10
∆ I =3A
-50
0
50
100
150
Temperature (
°C)
-50
0
50
100
150
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
Temperature (
°C)
Dropout Voltage vs Output Current
Output Current (A)
Reference Voltage vs Temperature
Load Regulation vs Temperature
Temperature (
°C)
Short-Circuit Current vs Temperature
4
5
6
7
8
9
10
11
12
13
14
-50
0
50
100
150
V
IN-VOUT (SHORT CIRCUIT) =5V
V
IN-VOUT(SHORT CIRCUIT) =3.3V


Similar Part No. - APL1085GCTU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TRG ANPEC-APL108533FC-TRG Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TRL ANPEC-APL108533FC-TRL Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TUG ANPEC-APL108533FC-TUG Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TUL ANPEC-APL108533FC-TUL Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results

Similar Description - APL1085GCTU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com