Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1511 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LH1511
Description  1 Form B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1511 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LH1511 Datasheet HTML 1Page - Siemens Semiconductor Group LH1511 Datasheet HTML 2Page - Siemens Semiconductor Group LH1511 Datasheet HTML 3Page - Siemens Semiconductor Group LH1511 Datasheet HTML 4Page - Siemens Semiconductor Group LH1511 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
M. Switch Offset Voltage vs. Temperature
O. Turn-On Time vs. LED Current
N. Turn-On/Off vs. Temperature
P. Turn-Off Time vs. LED Current
20
40
AMBIENT TEMPERATURE (
°C)
3.5
0
50
70
60
30
3.0
1.5
2.0
2.5
0.5
1.0
80
90
LH1501, LH1511,
LH1536
010
20
LED FORWARD CURRENT (mA)
2.5
2.0
1.5
0.5
30
1.0
50
40
IL = 50 mA
–40
°C
25
°C
85
°C
LH1501, LH1511
80
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
50
70
60
40
20
10
30
–10
–20
–30
–40
–50
0
90
ton
toff
LH1501, LH1511
toff
LH1536
B
A
B
A
IF = 5 mA
IL = 50 mA
010
20
LED FORWARD CURRENT (mA)
10
8
6
0
2
30
4
50
40
IL = 50 mA
25
°C
85
°C
–40
°C
LH1501, LH1511
LH1501, LH1511, LH1536


Similar Part No. - LH1511

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1511BA VISHAY-LH1511BA Datasheet
179Kb / 6P
   1 Form B Solid State Relay
Rev. 1.7, 13-Oct-2020
LH1511BAB VISHAY-LH1511BAB Datasheet
131Kb / 4P
   1 Form B Solid State Relay
Rev. 1.2, 15-Mar-04
LH1511BAB VISHAY-LH1511BAB Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB Datasheet
179Kb / 6P
   1 Form B Solid State Relay
Rev. 1.7, 13-Oct-2020
LH1511BAB VISHAY-LH1511BAB Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
More results

Similar Description - LH1511

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1521 SIEMENS-LH1521 Datasheet
172Kb / 13P
   Dual 1 Form B
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
logo
Solid State Optronic
M272 SSOUSA-M272 Datasheet
179Kb / 5P
   1 Form B (normally closed) SSR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com