Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX16601FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VCX16601FT
Description  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16601FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX16601FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16601FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TC74VCX16601FT
2007-10-19
3
Truth Table (A bus → B bus)
Inputs
CKENAB
OEAB
LEAB
CKAB
A
Outputs
B
X
H
X
X
X
Z
X
L
H
X
L
L
X
L
H
X
H
H
H
L
L
X
X
B0
(Note 2)
H
L
L
X
X
B0
(Note 2)
L
L
L
L
L
L
L
L
H
H
L
L
L
L
X
B0
(Note 1)
L
L
L
H
X
B0
(Note 1)
Note 1: Output level before the indicated steady-state input conditions were established, provided that CKAB was
low or high before LEAB went low.
Note 2: Output level before the indicated steady-state input conditions were established, provided that CKENAB
was low or high before LEAB went low.
Truth Table (B bus → A bus)
Inputs
CKENBA
OEBA
LEBA
CKBA
B
Outputs
A
X
H
X
X
X
Z
X
L
H
X
L
L
X
L
H
X
H
H
H
L
L
X
X
A0
(Note 2)
H
L
L
X
X
A0
(Note 2)
L
L
L
L
L
L
L
L
H
H
L
L
L
L
X
A0
(Note 1)
L
L
L
H
X
A0
(Note 1)
Note 1: Output level before the indicated steady-state input conditions were established, provided that CKBA was
low or high before LEBA went low.
Note 2: Output level before the indicated steady-state input conditions were established, provided that
CKENBA
was low or high before LEBA went low.


Similar Part No. - TC74VCX16601FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16601FT TOSHIBA-TC74VCX16601FT Datasheet
417Kb / 11P
   LOW-VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX16601FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com