Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX162843FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX162843FT
Description  Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX162843FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX162843FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX162843FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC74VCX162843FT
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
2
55
1
1D1
52
49
51
47
48
44
45
1D3
1D5
1D4
1D6
2D3
2D2
43
40
41
38
2D4
2D7
2D6
2D8
EN2
S2
5
8
10
1Q3
1Q5
1Q7
3
6
9
1Q2
1Q4
1Q6
15
17
20
23
2Q1
2Q3
2Q5
2Q7
13
16
19
21
1Q9
2Q2
2Q4
2Q6
12
1Q8
R2
36
37
34
33
2D5
1D8
1D7
1D9
54
1D2
42
2D1
1Q1
14
2D9
31
1D
2
24
2Q8
26
2Q9
28
R4
3D
4
56
C1
27
30
EN4
S4
29
C3
1LE
2LE
PR
2
OE
1
PR
1
OE
2
CLR
2
CLR
1
1LE
48
PR
1
1D1
GND
47
46
45
44
43
42
CLR
1
1
2
3
4
5
6
7
GND
1Q2
1Q3
VCC
1Q4
1Q5
1D2
8
9
10
1D4
1D5
1Q6
41
40
39
1D3
VCC
1D6
1Q1
GND
38
1D7
1D8
1D9
37
36
35
34
33
32
GND 11
12
13
14
15
16
17
1Q9
2Q1
2Q2
2Q3
GND
2Q4
2D1
18
19
20
GND
2D4
2Q5
31
30
29
2D2
2D3
2D5
1Q7
1Q8
21
2Q6
VCC
2Q7
22
23
24
VCC
2D7
2Q8
2D6
2D8
25
GND
26
2Q9
27
OE
2
28
CLR
2
GND
2D9
PR
2
2LE
56
55
54
53
52
51
50
49
OE
1


Similar Part No. - TC74VCX162843FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162843FT TOSHIBA-TC74VCX162843FT Datasheet
398Kb / 11P
   LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX162843FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162841FT TOSHIBA-TC74VCX162841FT_07 Datasheet
226Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com