Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXH16374FT Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC74VCXH16374FT
Description  Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16374FT Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCXH16374FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXH16374FT Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TC74VCXH16374FT
2007-10-19
11
AC Test Circuit
AC Waveform
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 V
tpHZ, tpZH
GND
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
CL = 30 pF
RL = 500 Ω
Figure 2 tpLH, tpHL, tw, ts, th
Output
(Q)
10%
tr 2.0 ns
90%
VM
VIH
GND
90%
VM
10%
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CK)
tf 2.0 ns
tr 2.0 ns
tf 2.0 ns
VIH
GND
Input
(D)
VM
VOH
VOL
tpLH
tpHL


Similar Part No. - TC74VCXH16374FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
More results

Similar Description - TC74VCXH16374FT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Toshiba Semiconductor
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com