Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXR162500FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VCXR162500FT
Description  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162500FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCXR162500FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162500FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74VCXR162500FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCXR162500FT
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
The TC74VCXR162500FT is a high-performance CMOS 18-bit
universal bus transceiver. Designed for use in 1.8-V, 2.5-V or
3.3-V systems, it achieves high-speed operation while
maintaining the CMOS low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
Data flow in each direction is controlled by output-enable
(OEAB and OEBA), latch-enable (LEAB and LEBA), and clock
(CKAB and CKBA) inputs.
For A-to-B data flow, the device operates in the transparent
mode when LEAB is high. When LEAB is low, the A data is
latched if CKAB is held at a high or low logic level. If LEAB is
low, the A bus data is stored in the latch/flip-flop on the high-to-low transition of CKAB.
Data flow for B to A is similar to that of A to B but uses OEBA, LEBA, and CKBA.
When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with
3-state memory address drivers, etc.
The 26-Ω series resistor helps reducing output overshoot and undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features (Note)
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.8 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.9 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 9.8 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• Bidirectional interface between 2.5 V and 3.3 V signals.
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Note:
Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down
resistors.
Weight: 0.25 g (typ.)


Similar Part No. - TC74VCXR162500FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCXR162500FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com