Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB12864AHGBBMUA-V01 Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # GB12864AHGBBMUA-V01
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB12864AHGBBMUA-V01 Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button GB12864AHGBBMUA-V01 Datasheet HTML 3Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 4Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 5Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 6Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 7Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 8Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 9Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 10Page - Jewel Hill Electronic GB12864AHGBBMUA-V01 Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GB12864A
VER: 3.0
- 6 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
VSS
Power supply for Ground (0V)
2
VDD
Power supply for positive (5V)
3
Vo
LCD driver voltage regulation pin
4
D/I
Data/Instruction register selection; “H”: DATA
“L”: Instruction
5
R/W
Read/write selection signal, ”H”: Read; ”L”: Write
6
E
Read/write Enable signal input pin
7
DB0
8
DB1
9
DB2
10
DB3
11
DB4
12
DB5
13
DB6
14
DB7
8-bit bi-directional data bus
15
CS1
Chip select 1
16
CS2
Chip select 2
17
/RST
Reset signal input pin, Low level is active
18
VEE
Power supply for negative voltage
19
LED+
Power supply voltage for backlight positive
20
LED-
Power supply voltage for backlight negative


Similar Part No. - GB12864AHGBBMUA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB12864B JHE-GB12864B Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864BHGAAMDA-V01 JHE-GB12864BHGAAMDA-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864BHGAAMDB-V01 JHE-GB12864BHGAAMDB-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864BHGAAMLA-V01 JHE-GB12864BHGAAMLA-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864BHGAAMLB-V01 JHE-GB12864BHGAAMLB-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GB12864AHGBBMUA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com