Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXR162646FT Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VCXR162646FT
Description  Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162646FT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCXR162646FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXR162646FT Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC74VCXR162646FT
2007-10-19
9
AC Characteristics (Ta = −40 to 85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
100
2.5
± 0.2
200
Maximum clock frequency
fmax
Figure 1, Figure 3
3.3
± 0.3
250
MHz
1.8
1.5
9.8
2.5
± 0.2
0.8
4.9
Propagation delay time
(An, Bn-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
3.8
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
5.8
Propagation delay time
(CAB, CBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 3
3.3
± 0.3
0.6
4.1
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
5.8
Propagation delay time
(SAB, SBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
4.4
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
5.9
Output enable time
(
OE , DIR-An, Bn)
tpZL
tpZH
Figure 1, Figure 4, Figure 5
3.3
± 0.3
0.6
4.3
ns
1.8
1.5
8.8
2.5
± 0.2
0.8
4.9
Output disable time
( OE , DIR-An, Bn)
tpLZ
tpHZ
Figure 1, Figure 4, Figure 5
3.3
± 0.3
0.6
4.3
ns
1.8
4.0
2.5
± 0.2
1.5
Minimum pulse width
tw (H)
tw (L)
Figure 1, Figure 3
3.3
± 0.3
1.5
ns
1.8
2.5
2.5
± 0.2
1.5
Minimum setup time
ts
Figure 1, Figure 3
3.3
± 0.3
1.5
ns
1.8
1.0
2.5
± 0.2
1.0
Minimum hold time
th
Figure 1, Figure 3
3.3
± 0.3
1.0
ns
1.8
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note 2)
3.3
± 0.3
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Similar Part No. - TC74VCXR162646FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCXR162646FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT_07 Datasheet
243Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT_07 Datasheet
249Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com