Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC10F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VHC10F
Description  Triple 3-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC10F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC10F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC10F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC74VHC10F/FN/FT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
A
B
C
Y
L
X
X
H
X
L
X
H
X
X
L
H
H
H
H
L
X: Don’t care
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
VCC
9
1C
1Y
3C
8
14
13
12
11
10
1A
1
2
3
4
5
6
7
2B
2C
2Y
GND
3B
3A
3Y
(top view)
1B
2A
(13)
(4)
(3)
1C
&
2B
2A
(9)
(5)
(10)
3A
2C
(6)
(8)
2Y
3Y
3B
(1)
(2)
1A
1B
(12)
1Y
3C
(11)


Similar Part No. - TC74VHC10F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC10F TOSHIBA-TC74VHC10F Datasheet
192Kb / 5P
   TRIPLE 3-INPUT NAND GATE
TC74VHC10F TOSHIBA-TC74VHC10F Datasheet
145Kb / 5P
   TRIPLE 3-INPUT NAND GATE
1997-03-24
TC74VHC10FN TOSHIBA-TC74VHC10FN Datasheet
192Kb / 5P
   TRIPLE 3-INPUT NAND GATE
TC74VHC10FN TOSHIBA-TC74VHC10FN Datasheet
145Kb / 5P
   TRIPLE 3-INPUT NAND GATE
1997-03-24
TC74VHC10FS TOSHIBA-TC74VHC10FS Datasheet
145Kb / 5P
   TRIPLE 3-INPUT NAND GATE
1997-03-24
More results

Similar Description - TC74VHC10F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
logo
NXP Semiconductors
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
   Triple 3-input NAND gate
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com