Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5007SWUNNRNP-V00CWNX Datasheet(PDF) 3 Page - Jewel Hill Electronic

Part # GC5007SWUNNRNP-V00CWNX
Description  SPECIFICATIONS FOR LCD MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GC5007SWUNNRNP-V00CWNX Datasheet(HTML) 3 Page - Jewel Hill Electronic

  GC5007SWUNNRNP-V00CWNX Datasheet HTML 1Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 2Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 3Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 4Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 5Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 6Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 7Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 8Page - Jewel Hill Electronic GC5007SWUNNRNP-V00CWNX Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System
R: RED;
O: THER COLOR
GF: COF & TFT LCM
N: WITHOUT CONTROLLER;
N: WITHOUT BACKLIGHT
S: WITH SILK-SCREEN
F: FSTN; C: CSTN; D: TFT
SERIAL NUMBER:0000~9999
PRODUCE TYPE:
LCD TYPE:
T: TN;
H: HTN; S: STN;
LCD COLOR MODE:
W: BLACK-WHITE; Y: YELLOW-GREEN
G: GRAY;
B: BLUE; O: OTHER
L: LEFT(9:00);
R: RIGHT(3:00)
U: UPPER(12:00); D: DOWN(6:00)
VIEWING DIRECTION:
M: MIDDLE TEMPERATURE RANGE
S: SUPER WIDE TEMPERATURE RANGE
W: WIDE TEMPERATURE RANGE
N: NORMAL TEMPERATURE RANGE
TEMPERATURE RANGE:
R: REFLECTIVE; T:TRANSMISSIVE
F: TRANSFLECTIVE; OTHER
POLARIZER TYPE:
LCD DISPLAY MODE:
P: POSITIVE; N: NEGATIVE
BACKLIGHT MODE:
L: LED; E: EL;
C: CCFL;
A: AMBER; B: BLUE;
BACKLIGHT COLOR:
W: WHITE;
Y: YELLOW-GREEN
F: FPC;
O: OTHER
P: PIN;
H: HEATSEAL; Z: ZEBRA;
CONNECTOR:
C: WITH CONTROLLER
OTHER
VERSION NUMBER: V00~V99
SILK-SCREEN
N: WIHTOUT SILK-SCREEN;
GT: TAB LCM;
GG: COG LCM;
GP: LCD PANEL; GC: COLOR STN;
GC 5007 C O D W N T N O-V00-C W N X
GC5007
VER: 2.0
- 2 -
Issue date: 2005/11/21


Similar Part No. - GC5007SWUNNRNP-V00CWNX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC500 ETC1-GC500 Datasheet
159Kb / 2P
   STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS
More results

Similar Description - GC5007SWUNNRNP-V00CWNX

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com