Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7497S Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7497S
Description  8W8W15W TRIPLE AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497S Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7497S Datasheet HTML 1Page - STMicroelectronics TDA7497S Datasheet HTML 2Page - STMicroelectronics TDA7497S Datasheet HTML 3Page - STMicroelectronics TDA7497S Datasheet HTML 4Page - STMicroelectronics TDA7497S Datasheet HTML 5Page - STMicroelectronics TDA7497S Datasheet HTML 6Page - STMicroelectronics TDA7497S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TDA7497S
6/7
Multiwatt15 V
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.870
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.63
5.08
5.53
0.182
0.200
0.218
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
OUTLINE AND
MECHANICAL DATA


Similar Part No. - TDA7497S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
   8W8W15W TRIPLE AMPLIFIER
More results

Similar Description - TDA7497S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
   8W8W15W TRIPLE AMPLIFIER
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
   8W AUDIO AMPLIFIER
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
   8W AMPLIFIER WITH MUTING
logo
List of Unclassifed Man...
UPC1185H2 ETC2-UPC1185H2 Datasheet
46Kb / 1P
   Power Amplifier 5, 8W
logo
National Semiconductor ...
LM2879 NSC-LM2879 Datasheet
171Kb / 8P
   LM2879 Dual 8W Audio Amplifier
logo
Transcom, Inc.
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 8W Amplifier
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
logo
Silan Microelectronics ...
SA7347 SILAN-SA7347 Datasheet
265Kb / 8P
   4CH AUDIO POWER AMPLIFIER(8W X4)
logo
Everlight Electronics C...
XUAN1313-KM407P1-36408 EVERLIGHT-XUAN1313-KM407P1-36408 Datasheet
1Mb / 24P
   36V/8W series
logo
Tyco Electronics
MAAP-000074-PKG001 MACOM-MAAP-000074-PKG001 Datasheet
187Kb / 5P
   Amplifier, Power, 8W 2.0-8.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com