Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV13TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7491HV13TR
Description  20 W 20 W dual BTL class-D audio amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV13TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7491HV13TR Datasheet HTML 4Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 5Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 6Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 7Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 8Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 9Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 10Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 11Page - STMicroelectronics TDA7491HV13TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
TDA7491HV
8/26
RdsON
Power transistor on resistance
High side
0.2
Low side
0.2
Po
Output power
THD = 10%
20
W
THD = 1%
16
Po
Output power
RL = 8 Ω, THD = 10%
VCC = 12 V
9.5
W
RL = 8 Ω, THD = 1%
VCC = 12 V
7.2
PD
Dissipated power
Po = 20 W + 20 W,
THD = 10%
4.0
W
η
Efficiency
Po = 20 W + 20 W
80
90
%
THD
Total harmonic distortion
Po = 1 W
0.1
0.4
%
GV
Closed loop gain
GAIN0 = L, GAIN1 = L
18
20
22
dB
GAIN0 = L, GAIN1 = H
24
26
28
GAIN0 = H, GAIN1 = L
28
30
32
GAIN0 = H, GAIN1 = H
30
32
34
∆G
V
Gain matching
-1
1
dB
CT
Cross talk
f = 1 kHz
50
dB
eN
Total input noise
A Curve, GV = 20 dB
20
µV
f = 22 Hz to 22 kHz
25
35
SVRR
Supply voltage rejection ratio
Fr = 100 Hz, Vr = 0.5 V,
CSVR = 10 µF
40
50
dB
Tr, Tf
Rise and fall times
50
ns
FSW
Switching frequency
Internal oscillator
290
310
330
kHz
FSWR
Output switching frequency
With internal oscillator (1)
250
kHz
With external oscillator (2) 250
VinH
Digital input high (H)
2.3
V
VinL
Digital input low (L)
0.8
Function
mode
Standby, mute and play modes
STBY < 0.5 V, MUTE = X
Standby
STBY > 2.5 V, MUTE < 1 V Mute
STBY > 2.5 V, MUTE > 2 V Play
AMUTE
Mute attenuation
VMute = 1 V
60
80
dB
1.
FSW = 10
6 / (64 * R
OSC + 440) kHz, fSYNCLK = 2 * FSW with R1 in kΩ (see Figure 22).
2.
FSW = fSYNCLK / 2 with the frequency of the external oscillator.
Table 5.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - TDA7491HV13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
More results

Similar Description - TDA7491HV13TR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
logo
STMicroelectronics
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com