Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC163FN Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC74VHC163FN
Description  Synchronous Presettable 4-Bit Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC163FN Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74VHC163FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 11Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 12Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 13Page - Toshiba Semiconductor TC74VHC163FN Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TC74VHC161,163F/FN/FT/FK
2007-10-01
10
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Max
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.4
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.4
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit
Typical Application
Parallel Carry N-Bit Counter
INPUT
LD A
CLR QA
BC
QB QC
D
QD
INPUTS
OUTPUTS
CARRY
ENP
ENT
CK
LD A
CLR QA
BC
QB QC
D
QD
INPUTS
OUTPUTS
CARRY
ENP
ENT
CK
LD A
CLR QA
BC
QB QC
D
QD
INPUTS
OUTPUTS
CARRY
ENP
ENT
CK
NEXT
STAGE
H: COUNT
L: DISABLE
H: COUNT
L: DISABLE
CK
CLR


Similar Part No. - TC74VHC163FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Similar Description - TC74VHC163FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com