Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4051B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4051B
Description  RadHardened high voltage complementary MOS logic series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4051B Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4051B Datasheet HTML 1Page - STMicroelectronics HCC4051B Datasheet HTML 2Page - STMicroelectronics HCC4051B Datasheet HTML 3Page - STMicroelectronics HCC4051B Datasheet HTML 4Page - STMicroelectronics HCC4051B Datasheet HTML 5Page - STMicroelectronics HCC4051B Datasheet HTML 6Page - STMicroelectronics HCC4051B Datasheet HTML 7Page - STMicroelectronics HCC4051B Datasheet HTML 8Page - STMicroelectronics HCC4051B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HCC4000B series
Package mechanical data
5/13
3
Package mechanical data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
2.54
0.083
0.100
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.82
2.03
2.39
0.072
0.080
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
18.79
19.00
19.20
0.740
0.748
0.756
E
7.36
7.62
7.87
0.290
0.300
0.310
e
2.54
0.100
e1
15.11
15.24
15.37
0.595
0.600
0.605
e2
7.62
7.87
8.12
0.300
0.310
0.320
F
7.11
7.75
0.280
0.305
I
3.70
0.146
K
10.90
12.1
0.429
0.476
L
1.14
1.27
1.5
0.045
0.050
0.059
DILC-14 MECHANICAL DATA
0016173H


Similar Part No. - HCC4051B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4051BC1 STMICROELECTRONICS-HCC4051BC1 Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
HCC4051BD STMICROELECTRONICS-HCC4051BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4051BDG STMICROELECTRONICS-HCC4051BDG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results

Similar Description - HCC4051B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC146818A MOTOROLA-MC146818A Datasheet
2Mb / 20P
   HIGH-PERFORMANCE SILIICON-GATE COMPLEMENTARY MOS
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
   COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
Motorola, Inc
MC14443 MOTOROLA-MC14443 Datasheet
166Kb / 5P
   Low-Power Complementary MOS
MC145429 MOTOROLA-MC145429 Datasheet
42Kb / 1P
   Low-Power Complementary MOS
MC14412 MOTOROLA-MC14412 Datasheet
288Kb / 6P
   Low-Power Complementary Mos
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
Motorola, Inc
MC142100 MOTOROLA-MC142100 Datasheet
59Kb / 1P
   Low-Power Complementary MOS
MC14495-1 MOTOROLA-MC14495-1 Datasheet
128Kb / 5P
   Low-Power Complementary Mos
MC14419 MOTOROLA-MC14419 Datasheet
543Kb / 4P
   Low-Power Complementary Mos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com