Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC273F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC273F
Description  Octal D-Type Flip-Flop with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC273F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC273F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC273F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC273F/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC273F,TC74VHC273FT,TC74VHC273FK
Octal D-Type Flip-Flop with Clear
The TC74VHC273 is an advanced high speed CMOS OCTAL
D-TYPE FLIP FLOP fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Information signals applied to D inputs are transferred to the
Q outputs on the positive going edge of the clock pulse.
When the CLR input is held “L”, the Q outputs are at a low
logic level independent of the other inputs.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 165 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.9 V (max)
• Pin and function compatible with 74ALS273
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74VHC273F
TC74VHC273FT
TC74VHC273FK


Similar Part No. - TC74VHC273F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC273FK TOSHIBA-TC74VHC273FK Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
TC74VHC273FK TOSHIBA-TC74VHC273FK_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
TC74VHC273FS TOSHIBA-TC74VHC273FS Datasheet
337Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
TC74VHC273FT TOSHIBA-TC74VHC273FT Datasheet
337Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
TC74VHC273FT TOSHIBA-TC74VHC273FT_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
More results

Similar Description - TC74VHC273F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com