Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC299F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VHC299F
Description  8-Bit Pipo Shift Register with Asynchronous Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC299F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHC299F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74VHC299F/FT
2007-10-01
7
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
12.2
17.2
1.0
19.8
3.3 ± 0.3
50
14.7
20.7
1.0
23.3
15
8.5
10.8
1.0
12.0
Propagation delay
time
(CK-QA’, QH’)
tpLH
tpHL
5.0 ± 0.5
50
10.0
12.8
1.0
14.0
ns
15
13.0
19.0
1.0
22.0
3.3 ± 0.3
50
15.5
22.5
1.0
25.5
15
9.1
11.2
1.0
13.5
Propagation delay
time
( CLR -QA’, QH’)
tpHL
5.0 ± 0.5
50
10.8
13.2
1.0
15.5
ns
15
10.3
14.3
1.0
16.6
3.3 ± 0.3
50
12.8
17.8
1.0
20.1
15
7.3
9.1
1.0
10.4
Propagation delay
time
(CK-QA to QH)
tpLH
tpHL
5.0 ± 0.5
50
8.8
11.1
1.0
12.4
ns
15
10.8
17.0
1.0
19.5
3.3 ± 0.3
50
13.3
20.5
1.0
23.0
15
7.7
10.5
1.0
12.0
Propagation delay
time
( CLR -QA to QH)
tpHL
5.0 ± 0.5
50
9.2
12.5
1.0
14.0
ns
15
13.3
16.5
1.0
19.2
3.3 ± 0.3
50
14.8
19.0
1.0
21.7
15
8.9
9.7
1.0
11.3
Output enable time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
10.4
11.2
1.0
12.6
ns
3.3
± 0.3
50
18.0
21.3
1.0
24.3
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
11.8
13.2
1.0
15.0
ns
15
65
100
55
3.3 ± 0.3
50
55
90
50
15
125
160
110
Maximum clock
frequency
fmax
5.0 ± 0.5
50
115
150
100
MHz
Input capacitance
CIN
4
10
pF
Bus I/O capacitance
(A/QA to H/QH)
COUT
8
pF
Power dissipation
capacitance
CPD
(Note)
110
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC


Similar Part No. - TC74VHC299F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC299FS TOSHIBA-TC74VHC299FS Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74VHC299FT TOSHIBA-TC74VHC299FT Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299FT TOSHIBA-TC74VHC299FT Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74VHC299FT TOSHIBA-TC74VHC299FT_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299FW TOSHIBA-TC74VHC299FW Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
More results

Similar Description - TC74VHC299F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com