Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB162HHYBBMUB-V00 Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # GB162HHYBBMUB-V00
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB162HHYBBMUB-V00 Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button GB162HHYBBMUB-V00 Datasheet HTML 6Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 7Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 8Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 9Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 10Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 11Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 12Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 13Page - Jewel Hill Electronic GB162HHYBBMUB-V00 Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GB162H
VER: 1.0
- 9 -
Issue date: 2006/06/10
JEWEL HILL ELECTRONIC CO.,LTD.
7.3 APPLICATION OF LCM
4
S40
C16
VSS
VC C
VO
RS
RW
E
DB7
DB0
KS0065 OR EQUIV
SEG M EN T D R IV ER
LC D PA NEL
OR EQUIV
K S0066
LSI
CONTR O L
LED -
LED +
LED BACKLIGH T
3V PO W ER SU PPLY
DC -D C C IR C UIT with
CIRCUIT
VOUT to BIAS
Reference circuit
Circuit Block Diagram


Similar Part No. - GB162HHYBBMUB-V00

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162A JHE-GB162A Datasheet
266Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162AHGAAMDA-V01 JHE-GB162AHGAAMDA-V01 Datasheet
266Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162AHGAAMDB-V01 JHE-GB162AHGAAMDB-V01 Datasheet
266Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162AHGAAMLA-V01 JHE-GB162AHGAAMLA-V01 Datasheet
266Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162AHGAAMLB-V01 JHE-GB162AHGAAMLB-V01 Datasheet
266Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GB162HHYBBMUB-V00

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com