Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75S56FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC75S56FU
Description  Single Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S56FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC75S56FU Datasheet HTML 1Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 2Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 3Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 4Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 5Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 6Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 7Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 8Page - Toshiba Semiconductor TC75S56FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC75S56F/FU/FE
2007-11-01
3
Electrical Characteristics (unless otherwise specified, VDD = 5 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
±1
±7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
0
4.1
V
Supply current
IDD (Note)
11
22
μA
Voltage gain
GV
94
dB
Sink current
Isink
VOL = 0.5 V
13
25
mA
Source current
Isource
VOH = 4.5 V
9
21
mA
VOL
Isink = 5.0 mA
0.1
0.3
Output voltage
VOH
Isource = 5.0 mA
4.7
4.9
V
Operating supply voltage
VDD
1.8
7.0
V
tPLH (1)
Over drive
= 100 mV
680
Propagation delay time (turn on)
tPLH (2)
TTL step input
500
ns
tPHL (1)
Over drive
= 100 mV
250
Propagation delay time (turn off)
tPHL (2)
TTL step input
380
ns
tTLH
Over drive
= 100 mV
60
Response time
tTHL
Over drive
= 100 mV
8
ns
Electrical Characteristics (unless otherwise specified, VDD = 3 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
±1
±7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
0
2.1
V
Supply current
IDD (Note)
10
20
μA
Sink current
Isink
VOL = 0.5 V
6
18
mA
Source current
Isource
VOH = 2.5 V
3
15
mA
VOL
Isink = 5.0 mA
0.15
0.35
Output voltage
VOH
Isource = 5.0 mA
2.65
2.85
V
Propagation delay time (turn on)
tPLH
Over drive
= 100 mV
550
ns
Propagation delay time (turn off)
tPHL
Over drive
= 100 mV
250
ns
tTLH
Over drive
= 100 mV
30
Response time
tTHL
Over drive
= 100 mV
8
ns
Note: This device’s current consumption increases as its operating frequency increases. Note that the power
dissipation should not exceed the allowable power dissipation.


Similar Part No. - TC75S56FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S56FU TOSHIBA-TC75S56FU Datasheet
252Kb / 7P
   SINGLE COMPARATOR
logo
List of Unclassifed Man...
TC75S56FU ETC-TC75S56FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
More results

Similar Description - TC75S56FU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
logo
Toshiba Semiconductor
TC75S58F TOSHIBA-TC75S58F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Samsung semiconductor
KA311 SAMSUNG-KA311 Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
First Silicon Co., Ltd
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
   Single Comparator
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
LM311 FAIRCHILD-LM311 Datasheet
99Kb / 10P
   Single Comparator
logo
Mitsubishi Electric Sem...
M5239L MITSUBISHI-M5239L Datasheet
80Kb / 3P
   SINGLE COMPARATOR
logo
New Japan Radio
NJM2406 NJRC-NJM2406 Datasheet
155Kb / 5P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
99Kb / 10P
   Single Comparator
logo
Toshiba Semiconductor
TA7523AS TOSHIBA-TA7523AS Datasheet
239Kb / 7P
   SINGLE COMPARATOR
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com