Electronic Components Datasheet Search |
|
GB12232ANYBBNDB-V01 Datasheet(PDF) 6 Page - Jewel Hill Electronic |
|
GB12232ANYBBNDB-V01 Datasheet(HTML) 6 Page - Jewel Hill Electronic |
6 / 23 page GB12232A VER: 4.0 - 5 - Issue date: 2006/08/01 JEWEL HILL ELECTRONIC CO.,LTD. 5. MAXIMUM RATINGS Item Symbol Min Max Unit Note VDD - Vss -0.3 7.0 V Supply voltage VLCD -0.3 13.0 V Input Voltage VIN -0.3 VDD+0.3 V Operating temperature TOPR -10 +60 ℃ Storage temperature TSTR -20 +70 ℃ Humidity --- --- 90 %RH 6. ELECTRICAL CHARACTERISTICS Item Symbol Condition Min. Typ. Max. Unit Supply Voltage Logic VDD --- --- 5.0 --- V H level VIH 0.8VDD --- VDD Input Voltage L level VIL --- VSS --- 0.2VDD V Current Consumption (LCD DRIVER) IDD VDD=5.0V; VLCD=5.5V,Tamb=25℃; --- --- 1.0 mA LCD Driving Voltage VLCD Bias=1/6 VLCD=VDD-V0 5.0 5.5 6.0 V Current Consumption (With LED BackLight) ILED VDD=5.0V; VLED=4.2V,Tamb=25℃; --- --- 300 mA |
Similar Part No. - GB12232ANYBBNDB-V01 |
|
Similar Description - GB12232ANYBBNDB-V01 |