Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB402AHGAAMDB-V01 Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # GB402AHGAAMDB-V01
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB402AHGAAMDB-V01 Datasheet(HTML) 4 Page - Jewel Hill Electronic

  GB402AHGAAMDB-V01 Datasheet HTML 1Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 2Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 3Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 4Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 5Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 6Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 7Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 8Page - Jewel Hill Electronic GB402AHGAAMDB-V01 Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GB402A
VER: 3.0
- 3 -
Issue date: 2006/07/31
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION
The GB402A is a 40C x 2L Character LCD module. It has a STN panel composed of 200 segments
and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
2. FEATURES
Transflective and positive
Display Mode
STN(Yellow - Green) module
Display Format
Character 40C x 2L
Input Data
8/4-bit parallel data input from MPU
Multiplexing Ratio 1/16 Duty
Bias
1/5 Bias
Viewing Direction 6 O’clock
Backlight
LED
3. MECHANICAL SPECIFICATION
Item
Specifications
Unit
Dimensional outline
182.0 x 33.5 x 12.8(max)
mm
Resolution
200segs x 16coms
dots
Active area
147.5(W) x 11.5(H)
mm
Char. pitch
3.7(W) x 5.95(H)
Char. size
3.2(W) x 5.55(H)
Dots pitch
0.65 (W)×0.7(H)
mm
Dots size
0. 6(W)×0.65(H)
mm


Similar Part No. - GB402AHGAAMDB-V01

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GB402 GOOD-ARK-GB402 Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
GB402-N GOOD-ARK-GB402-N Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
GB402-P GOOD-ARK-GB402-P Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
logo
Thinki Semiconductor Co...
GB402N THINKISEMI-GB402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
GB402N THINKISEMI-GB402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - GB402AHGAAMDB-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com