Selected language     English  ā–¼


STX-RLINK Datasheet(PDF) 9 Page - STMicroelectronics

Part No. STX-RLINK
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Download  124 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 9 page
background image
ST7LITE0xY0, ST7LITESxY0
9/124
3 REGISTER & MEMORY MAP
As shown in Figure 4 and Figure 5, the MCU is ca-
pable of addressing 64K bytes of memories and I/
O registers.
The available memory locations consist of up to
128 bytes of register locations, 128 bytes of RAM,
128 bytes of data EEPROM and up to 1.5 Kbytes
of user program memory. The RAM space in-
cludes up to 64 bytes for the stack from 0C0h to
0FFh.
The highest address bytes contain the user reset
and interrupt vectors.
The size of Flash Sector 0 is configurable by Op-
tion byte.
IMPORTANT: Memory locations marked as ā€œRe-
servedā€ must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 4. Memory Map (ST7LITE0x)
0000h
RAM
Flash Memory
(1.5K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 2)
1000h
107Fh
FFE0h
FFFFh
(see Table 6)
0100h
Reserved
00FFh
Short Addressing
RAM (zero page)
64 Bytes Stack
00C0h
00FFh
0080h
00BFh
(128 Bytes)
Data EEPROM
(128 Bytes)
FA00h
1080h
F9FFh
Reserved
FFDFh
1 Kbytes
0.5 Kbytes
SECTOR 1
SECTOR 0
1.5K FLASH
FFFFh
FC00h
FBFFh
FA00h
PROGRAM MEMORY
1000h
1001h
RCCR0
RCCR1
see section 7.1 on page 24
FFDEh
FFDFh
RCCR0
RCCR1
see section 7.1 on page 24
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST7LITE2_068-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE0X8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE49M8-bit MCU with single voltage Flash memory data EEPROM ADC 8/12-bit timers and IĀ²C interface 1 2 3 4 5 MoreSTMicroelectronics
ST7L158-bit MCU for automotive with single voltage Flash/ROM memory data EEPROM ADC 5 timers SPI 1 2 3 4 5 MoreSTMicroelectronics
ST72334J_038-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI IC INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7LITEUSX8-bit MCU with single voltage Flash memory ADC timers 1 2 3 4 5 MoreSTMicroelectronics
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72260GX8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7MC18-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC BRUSHLESS MOTOR CONTROL FIVE TIMERS SPI LINSCI 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl