Selected language     English  ā–¼


STX-RLINK Datasheet(PDF) 11 Page - STMicroelectronics

Part No. STX-RLINK
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Download  124 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 11 page
background image
ST7LITE0xY0, ST7LITESxY0
11/124
REGISTER AND MEMORY MAP (Contā€™d)
Legend: x=undefined, R/W=read/write
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h1)
00h
40h
R/W
R/W
R/W
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
E0h 1)
00h
00h
R/W
R/W
R/W2)
0006h to
000Ah
Reserved area (5 bytes)
000Bh
000Ch
LITE
TIMER
LTCSR
LTICR
Lite Timer Control/Status Register
Lite Timer Input Capture Register
xxh
xxh
R/W
Read Only
000Dh
000Eh
000Fh
0010h
0011h
0012h
0013h
AUTO-RELOAD
TIMER
ATCSR
CNTRH
CNTRL
ATRH
ATRL
PWMCR
PWM0CSR
Timer Control/Status Register
Counter Register High
Counter Register Low
Auto-Reload Register High
Auto-Reload Register Low
PWM Output Control Register
PWM 0 Control/Status Register
00h
00h
00h
00h
00h
00h
00h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
0014h to
0016h
Reserved area (3 bytes)
0017h
0018h
AUTO-RELOAD
TIMER
DCR0H
DCR0L
PWM 0 Duty Cycle Register High
PWM 0 Duty Cycle Register Low
00h
00h
R/W
R/W
0019h to
002Eh
Reserved area (22 bytes)
0002Fh
FLASH
FCSR
Flash Control/Status Register
00h
R/W
00030h
EEPROM
EECSR
Data EEPROM Control/Status Register
00h
R/W
0031h
0032h
0033h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control/Status Register
xxh
0xh
00h
R/W
R/W
R/W
0034h
0035h
0036h
ADC
ADCCSR
ADCDR
ADCAMP
A/D Control Status Register
A/D Data Register
A/D Amplifier Control Register
00h
00h
00h
R/W
Read Only
R/W
0037h
ITC
EICR
External Interrupt Control Register
00h
R/W
0038h
0039h
CLOCKS
MCCSR
RCCR
Main Clock Control/Status Register
RC oscillator Control Register
00h
FFh
R/W
R/W
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST7LITE2_068-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE0X8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7LITE49M8-bit MCU with single voltage Flash memory data EEPROM ADC 8/12-bit timers and IĀ²C interface 1 2 3 4 5 MoreSTMicroelectronics
ST7L158-bit MCU for automotive with single voltage Flash/ROM memory data EEPROM ADC 5 timers SPI 1 2 3 4 5 MoreSTMicroelectronics
ST72334J_038-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI IC INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7LITEUSX8-bit MCU with single voltage Flash memory ADC timers 1 2 3 4 5 MoreSTMicroelectronics
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72260GX8-BIT MCU WITH FLASH OR ROM MEMORY ADC TWO 16-BIT TIMERS I2C SPI SCI INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7MC18-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC BRUSHLESS MOTOR CONTROL FIVE TIMERS SPI LINSCI 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl