Electronic Components Datasheet Search |
|
GB162ENGBBMDB-V02 Datasheet(PDF) 6 Page - Jewel Hill Electronic |
|
GB162ENGBBMDB-V02 Datasheet(HTML) 6 Page - Jewel Hill Electronic |
6 / 23 page GB162E-001 VER: 3.0 - 5 - Issue date: 2006/07/27 JEWEL HILL ELECTRONIC CO.,LTD. 5. MAXIMUM RATINGS Item Symbol Min Max Unit Note VDD - Vss -0.3 7.0 V Supply voltage VLCD -0.3 13.0 V Input Voltage VIN -0.3 VDD+0.3 V Operating temperature TOPR 0 +50 ℃ Storage temperature TSTR -10 +60 ℃ Humidity --- --- 90 %RH 6. ELECTRICAL CHARACTERISTICS Item Symbol Condition Min. Typ. Max. Unit Supply Voltage Logic VDD --- --- 5.0 --- V H level VIH 0.8VDD --- VDD Input Voltage L level VIL --- VSS --- 0.2VDD V Current Consumption (LCD DRIVER) IDD VDD=5.0V; VLCD=4.7V,Tamb=25℃; --- --- 1.0 mA LCD Driving Voltage VLCD Bias=1/5 VLCD=VDD-VO --- 4.7 --- V Current Consumption (With LED BackLight) ILED VDD=5.0V; VLED=4.2V,Tamb=25℃; --- --- 300 mA |
Similar Part No. - GB162ENGBBMDB-V02 |
|
Similar Description - GB162ENGBBMDB-V02 |