Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1639-50CX Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1639-50CX
Description  3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1639-50CX Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1639-50CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 6Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 7Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 8Page - Analog Intergrations Corporation AIC1639-50CX Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC1639
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
SPEC NO: DS-1639-00 05/26/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
3
n ELECTRICAL CHARACTERISTICS (AIC1639 Ta=25°C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output Voltage
VIN=1.8V
VIN=1.8V
VIN=2.0V
VIN=3.0V
VOUT
2.633
2.925
3.218
4.875
2.700
3.000
3.300
5.000
2.767
3.075
3.382
5.125
V
Input Voltage
VIN
8
V
Start-Up Voltage
IOUT=1mA, VIN:0→2V
VSTART
0.8
0.9
V
Hold-on Voltage
IOUT=1mA, VIN:2→0V
VHOLD
0.6
V
No-Load Input Current
IOUT=0mA
IIN
18
µA
Supply Current 1
EXT at no load, VIN=VOUT x 0.5
Measurement of the IC input cur-
rent
IDD1
45
50
60
80
µA
Supply Current 2
EXT at no load, VIN=VOUT + 0.5
Measurement of the IC input cur-
rent
IDD2
7
µA
EXT “H” On-Resistance
VEXT=VOUT – 0.4V
REXTH
300
200
185
130
EXT “L” On-Resistance
VEXT= 0.4V
REXTL
110
80
70
60
Oscillator Duty Cycle
VIN=VOUT x 0.95
Measurement of the IC input cur-
rent
DUTY
65
75
85
%
Max. Oscillator Freq.
VIN=VOUT x 0.95
Measurement of the IC input cur-
rent
FOSC
80
105
130
KHz
Efficiency
η
80
%


Similar Part No. - AIC1639-50CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
More results

Similar Description - AIC1639-50CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
   Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
   3-Pin Simple Step-Up DC/DC Converter
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com