Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4011BF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC4011BF
Description  Quad 2 Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4011BF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC4011BF Datasheet HTML 1Page - Toshiba Semiconductor TC4011BF Datasheet HTML 2Page - Toshiba Semiconductor TC4011BF Datasheet HTML 3Page - Toshiba Semiconductor TC4011BF Datasheet HTML 4Page - Toshiba Semiconductor TC4011BF Datasheet HTML 5Page - Toshiba Semiconductor TC4011BF Datasheet HTML 6Page - Toshiba Semiconductor TC4011BF Datasheet HTML 7Page - Toshiba Semiconductor TC4011BF Datasheet HTML 8Page - Toshiba Semiconductor TC4011BF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC4011BP/BF/BFN/BFT
2007-10-01
4
Dynamic Electrical Characteristics (Ta = 25°C, VSS = 0 V, CL = 50 pF)
Test Condition
Characteristics
Symbol
VDD (V)
Min
Typ.
Max
Unit
Output transition time
tTLH
5
10
15
70
35
30
200
100
80
ns
Output transition time
tTHL
5
10
15
70
35
30
200
100
80
ns
Propagation delay time
tpLH
5
10
15
65
30
25
200
100
80
ns
Propagation delay time
tpHL
5
10
15
65
30
25
200
100
80
ns
Input capacitance
CIN
5
7.5
pF
Circuit and Waveform for Measurement of Dynamic Characteristics
Circuit
Waveform
Output
Input
20 ns
20 ns
50%
10%
90%
tpLH
tpHL
50%
10%
90%
50%
10%
90%
50%
10%
90%
tTLH
tTHL
VDD
Output
VSS
Input
P.G.
CL = 50 pF


Similar Part No. - TC4011BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BF TOSHIBA-TC4011BF Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC4011BF TOSHIBA-TC4011BF Datasheet
172Kb / 3P
   C2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC4011BFN TOSHIBA-TC4011BFN Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC4011BFT TOSHIBA-TC4011BFT Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC4011BFT TOSHIBA-TC4011BFT_12 Datasheet
213Kb / 8P
   TC4011B Quad 2 Input NAND Gate
More results

Similar Description - TC4011BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com