Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4020BF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC4020BF
Description  14 Stage Ripple-Carry Binary Counter/Dividers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4020BF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC4020BF Datasheet HTML 1Page - Toshiba Semiconductor TC4020BF Datasheet HTML 2Page - Toshiba Semiconductor TC4020BF Datasheet HTML 3Page - Toshiba Semiconductor TC4020BF Datasheet HTML 4Page - Toshiba Semiconductor TC4020BF Datasheet HTML 5Page - Toshiba Semiconductor TC4020BF Datasheet HTML 6Page - Toshiba Semiconductor TC4020BF Datasheet HTML 7Page - Toshiba Semiconductor TC4020BF Datasheet HTML 8Page - Toshiba Semiconductor TC4020BF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC4020BP/BF/BFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4020BP,TC4020BF,TC4020BFN
TC4020B 14 Stage Ripple-Carry Binary Counter/Dividers
TC4020B is 14 stage ripple carry binary counter having
asynchronous clear function. The counter advances its counting
stage by falling edge of CLOCK input. When RESET input is
placed “H”, all the circuits are reset regardless of CLOCK input
making all the outputs (Q1, Q4~Q14) to be “L”.
This is most suitable for frequency dividers, control circuits
and timing circuits.
Pin Assignment
Truth Table
CLOCK
Δ
RESET
Output State
*
H
All Outputs
= “L”
L
No Change
L
Advance to Next State
Δ: Level change
*: Don’t care
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4020BP
TC4020BF
TC4020BFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC4020BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4020BF TOSHIBA-TC4020BF Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC4020BFN TOSHIBA-TC4020BFN Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
More results

Similar Description - TC4020BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
   12 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
TC4040BP TOSHIBA-TC4040BP Datasheet
260Kb / 7P
   12 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
STMicroelectronics
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
65Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com