Electronic Components Datasheet Search |
|
AME88414EHAZ Datasheet(PDF) 3 Page - Analog Microelectronics |
|
AME88414EHAZ Datasheet(HTML) 3 Page - Analog Microelectronics |
3 / 14 page AME, Inc. 3 AME8841 600mA CMOS LDO n Ordering Information (contd.) Note: yyww represents the date code * A line on top of the first character represents lead free plating such as 8841 Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type. Part Number Marking* Output Voltage Package Operating Ambient Temperature Range AME8841AEHA 8841 AEHA yyww 3.3V SO-8 - 40 oC to + 85oC AME8841AEHAZ 8841 AEHA yyww 3.3V SO-8 - 40 oC to + 85oC AME8841BEHA 8841 BEHA yyww 3.0V SO-8 - 40 oC to + 85oC AME8841BEHAZ 8841 BEHA yyww 3.0V SO-8 - 40 oC to + 85oC AME8841CEHA 8841 CEHA yyww 2.8V SO-8 - 40 oC to + 85oC AME8841CEHAZ 8841 CEHA yyww 2.8V SO-8 - 40 oC to + 85oC AME8841DEHA 8841 DEHA yyww 2.5V SO-8 - 40 oC to + 85oC AME8841DEHAZ 8841 DEHA yyww 2.5V SO-8 - 40 oC to + 85oC AME8841EEHA 8841 EEHA yyww 3.8V SO-8 - 40 oC to + 85oC AME8841EEHAZ 8841 EEHA yyww 3.8V SO-8 - 40 oC to + 85oC AME8841FEHA 8841 FEHA yyww 3.6V SO-8 - 40 oC to + 85oC AME8841FEHAZ 8841 FEHA yyww 3.6V SO-8 - 40 oC to + 85oC |
Similar Part No. - AME88414EHAZ |
|
Similar Description - AME88414EHAZ |