Electronic Components Datasheet Search |
|
AME8841BEHA Datasheet(PDF) 2 Page - Analog Microelectronics |
|
AME8841BEHA Datasheet(HTML) 2 Page - Analog Microelectronics |
2 / 14 page AME, Inc. 2 600mA CMOS LDO AME8841 A: 3.3V 1: 1.3V E: -40 OC to 85OC H: SO-8 A: 8 Z: Lead Free B: 3.0V 2: 2.0V C: 2.8V 3: 4.2V D: 2.5V 4: 4.0V E: 3.8V F: 3.6V G: 3.5V H: 2.7V I: 3.4V J: 2.85V K: 3.7V L: 1.5V M: 1.8V N: 2.9V O: 3.1V P: 4.1V Q: 4.75V R: 2.65V S: 5.0V U: 3.2V V: 3.15V W: 2.3V Y: 1.9V Z: 1.7V Special Feature Product Grade or Option Operating Ambient Temperature Range Package Type Number of Pins n Pin Configuration AME8841 1. OUT 2. IN 3. GND 4. OUT 5. NC 6. NC 7. EN 8. NC * Die Attach: Non-Conductive Epoxy SO-8 Top View 1 3 2 4 AME8841 5 6 7 8 n Ordering Information Operating Ambient Temperature Range Number of Pins Package Type Product Grade or Option Special Feature AME8841 x x x x x |
Similar Part No. - AME8841BEHA |
|
Similar Description - AME8841BEHA |