Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W0R6030B0ZAQE Datasheet(PDF) 8 Page - STMicroelectronics

Part # M36W0R6030B0ZAQE
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W0R6030B0ZAQE Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M36W0R6030B0ZAQE Datasheet HTML 4Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 5Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 6Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 7Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 8Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 9Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 10Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 11Page - STMicroelectronics M36W0R6030B0ZAQE Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
M36W0R6030T0, M36W0R6030B0
8/26
FUNCTIONAL DESCRIPTION
The Flash memory and SRAM components have
separate power supplies but share the same
grounds. They are distinguished by three Chip En-
able inputs: EF for the Flash memory and E1S and
E2S for the SRAM.
Recommended operating conditions do not allow
more than one device to be active at a time. The
most common example is simultaneous read oper-
ations on one of the Flash and the SRAM which
would result in a data bus contention. Therefore it
is recommended to put the other devices in the
high impedance state when reading the selected
device.
Figure 4. Functional Block Diagram
AI08536C
E1S
E2S
GS
WS
DQ0-DQ15
VDDF
A0-A18
A19-A21
8 Mbit SRAM
GF
UBS
LBS
WAITF
64 Mbit
Flash
Memory
VDDS
EF
KF
WF
LF
RPF
WPF
VPPF VDDQ
VSS


Similar Part No. - M36W0R6030B0ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36W0R604040B0ZAQE NUMONYX-M36W0R604040B0ZAQE Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R604040B0ZAQF NUMONYX-M36W0R604040B0ZAQF Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R604040B1ZAQE NUMONYX-M36W0R604040B1ZAQE Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R604040B1ZAQF NUMONYX-M36W0R604040B1ZAQF Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R604040T0ZAQE NUMONYX-M36W0R604040T0ZAQE Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
More results

Similar Description - M36W0R6030B0ZAQE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M36W832TE STMICROELECTRONICS-M36W832TE Datasheet
897Kb / 64P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com