Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9171AN Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT9171AN
Description  Digital Subscriber Interface Circuit Digital Network Interface Circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9171AN Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT9171AN Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 1999-2006, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Full duplex transmission over a single twisted pair
Selectable 80 or 160 kbit/s line rate
Adaptive echo cancellation
Up to 3 km (9171) and 4 km (9172)
ISDN compatible (2B+D) data format
Transparent modem capability
Frame synchronization and clock extraction
Zarlink ST-BUS compatible
Low power (typically 50 mW), single 5 V supply
Applications
Digital subscriber lines
High speed data transmission over twisted wires
Digital PABX line cards and telephone sets
80 or 160 kbit/s single chip modem
Description
The MT9171 (DSIC) and MT9172 (DNIC) are pin for
pin compatible replacements for the MT8971 and
MT8972, respectively. They are multi-function devices
capable of providing high speed, full duplex digital
transmission up to 160 kbit/s over a twisted wire pair.
They use adaptive echo-cancelling techniques and
transfer data in (2B+D) format compatible to the ISDN
basic rate. Several modes of operation allow an easy
interface
to
digital
telecommunication
networks
including use as a high speed limited distance modem
March 2006
Ordering Information
MT9171/72AE
22 Pin PDIP
Tubes
MT9171/72AN
24 Pin SSOP
Tubes
MT9171/72AP
28 Pin PLCC
Tubes
MT9171/72APR
28 Pin PLCC
Tape & Reel
MT9171/72ANR
24 Pin SSOP
Tape & Reel
MT9171/72AE1
22 Pin PDIP*
Tubes
MT9171/72AP1
28 Pin PLCC*
Tubes
MT9171/72AN1
24 Pin SSOP*
Tubes
MT9171/72APR1
28 Pin PLCC*
Tape & Reel
MT9171/72ANR1
24 Pin SSOP*
Tape & Reel
*Pb Free Matte Tin
-40
°C to +85°C
ISO2-CMOS ST-BUS
 FAMILY MT9171/72
Digital Subscriber Interface Circuit
Digital Network Interface Circuit
Data Sheet
Figure 1 - Functional Block Diagram
DSTi/Di
CDSTi/
F0/CLD
C4/TCK
F0o/RCK
MS0
MS1
MS2
RegC
DSTo/Do
CDSTo/
CDo
Transmit
Interface
Prescrambler
Scrambler
Control
Register
Transmit/
Clock
Receive
Timing &
Control
Status
Transmit
Timing
Master Clock
Phase Locked
Sync Detect
Receive
DPLL
Receive
Interface
De-
Prescrambler
Descrambler
Differentially
Encoded Biphase
Receiver
Differentially
Encoded Biphase
Transmitter
Transmit
Filter &
Line Driver
Receive
Filter
-1
+2
MUX
Address
Echo Canceller
Error
Signal
Echo Estimate
VBias
VDD
VSS
VBias VRef
LOUT
LOUT
DIS
Precan
LIN
OSC2
OSC1
+
CDi


Similar Part No. - MT9171AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9171AN MITEL-MT9171AN Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171AN ZARLINK-MT9171AN Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
More results

Similar Description - MT9171AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
MT8930B MITEL-MT8930B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com