Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9171AP Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT9171AP
Description  Digital Subscriber Interface Circuit Digital Network Interface Circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9171AP Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT9171AP Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MT9171/72
Data Sheet
2
Zarlink Semiconductor Inc.
with data rates up to 160 kbit/s. Both devices function identically but with the DSIC having a shorter maximum loop
reach specification. The generic "DNIC" will be used to reference both devices unless otherwise noted.
The MT9171/72 is fabricated in Zarlink’s ISO2-CMOS process.
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
22
24
28
11
2
LOUT
Line Out. Transmit Signal output (Analog). Referenced to VBias.
22
3
VBias
Internal Bias Voltage output. Connect via 0.33
µF decoupling capacitor to V
DD.
33
4
VRef
Internal Reference Voltage output. Connect via 0.33
µF decoupling capacitor to
VDD.
4,5,
6
4,5,
6
5,7,
8
MS2-MS0 Mode Select inputs (Digital). The logic levels present on these pins select the
various operating modes for a particular application. See Table 1 for the
operating modes.
77
9
RegC
Regulator Control output (Digital). A 512 kHz clock used for switch mode power
supplies. Unused in MAS/MOD mode and should be left open circuit.
89
10
F0/CLD
Frame Pulse/C-Channel Load (Digital). In DN mode a 244 ns wide negative
pulse input for the MASTER indicating the start of the active channel times of the
device. Output for the SLAVE indicating the start of the active channel times of
the device. Output in MOD mode providing a pulse indicating the start of the C-
channel.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
22
21
20
19
18
17
16
15
22 PIN PDIP
LOUT
VBias
VRef
MS2
MS1
MS0
RegC
F0/CLD
CDSTi/CDi
CDSTo/CDo
VSS
VDD
LIN
TEST
LOUT DIS
Precan
OSC1
OSC2
C4/TCK
F0o/RCK
DSTi/Di
DSTo/Do
28 PIN PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC
LOUT DIS
Precan
OSC1
OSC2
NC
C4/TCK
MS2
NC
MS1
MS0
RegC
F0/CLD
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
24 PIN SSOP
LOUT
VBias
VRef
MS2
MS1
MS0
RegC
F0/CLD
CDSTi/CDi
CDSTo/CDo
VSS
NC
VDD
LIN
TEST
LOUT DIS
Precan
OSC1
OSC2
C4/TCK
F0o/RCK
DSTi/Di
DSTo/Do
NC


Similar Part No. - MT9171AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9171AP MITEL-MT9171AP Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171AP ZARLINK-MT9171AP Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
More results

Similar Description - MT9171AP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
MT8930B MITEL-MT8930B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com