Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBC40M Datasheet(PDF) 3 Page - International Rectifier

Part # IRGBC40M
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC40M Datasheet(HTML) 3 Page - International Rectifier

  IRGBC40M Datasheet HTML 1Page - International Rectifier IRGBC40M Datasheet HTML 2Page - International Rectifier IRGBC40M Datasheet HTML 3Page - International Rectifier IRGBC40M Datasheet HTML 4Page - International Rectifier IRGBC40M Datasheet HTML 5Page - International Rectifier IRGBC40M Datasheet HTML 6Page - International Rectifier IRGBC40M Datasheet HTML 7Page - International Rectifier IRGBC40M Datasheet HTML 8Page - International Rectifier IRGBC40M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Introduction
Reliability Engineering _____________________________________
Quality Manager
_____________________________________
Date
_____________________________________
The reliability report is a summary of the test data collated since the
implementation of the reliability programme. This report will be periodically
updated typically on a quarterly basis. Future publications of this report will
also include as appropriate additional information to assist the user in the
interpretation of the data provided. The programme covers only IGBT /
CoPack
manufactured products at IRGB, Holland Road, Oxted.
The
reliability data provided in this report are for the package types TO247 and
TO220.
Further information regarding reliability data is available in the IR data book
IGBT-3, pages E-65-E-72. This also, is available from the Oxted office.
IGBT / CoPack
Quarterly Reliability Report
Page 3 of 35


Similar Part No. - IRGBC40M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC40M IRF-IRGBC40M Datasheet
45Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGBC40M-S IRF-IRGBC40M-S Datasheet
88Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
More results

Similar Description - IRGBC40M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com