Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1702U-JE6 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1702U-JE6
Description  BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1702U-JE6 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM1702U-JE6 Datasheet HTML 5Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 6Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 7Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 8Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 9Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 10Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 11Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 12Page - Burr-Brown (TI) PCM1702U-JE6 Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PCM1702P
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PCM1702P-J
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PCM1702P-JG4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PCM1702P-K
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PCM1702PG4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PCM1702U
ACTIVE
SO
NS
20
38
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702U-J
ACTIVE
SO
NS
20
38
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702U-J/2KE6
ACTIVE
SO
NS
20
TBD
Call TI
Call TI
PCM1702U-JE6
ACTIVE
SO
NS
20
38
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702U-K
ACTIVE
SO
NS
20
38
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702U-K/2KE6
ACTIVE
SO
NS
20
TBD
Call TI
Call TI
PCM1702U-KE6
ACTIVE
SO
NS
20
38
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702U/2K
ACTIVE
SO
NS
20
2000
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702U/2KE6
ACTIVE
SO
NS
20
2000
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
PCM1702UE6
ACTIVE
SO
NS
20
38
Pb-Free
(RoHS)
CU SNBI
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
19-Nov-2007
Addendum-Page 1


Similar Part No. - PCM1702U-JE6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1702U-JE6 TI1-PCM1702U-JE6 Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702U-JE6

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1704U-2K TI-PCM1704U-2K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com