Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9172AP Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # MT9172AP
Description  Digital Subscriber Interface Circuit Digital Network Interface Circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9172AP Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button MT9172AP Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9172AP Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MT9171/72
Data Sheet
7
Zarlink Semiconductor Inc.
Figure 7 - CD Port (Modes 2,6)
Figure 8 - CD Port (Modes 1,5)
The composite transmit and receive signal is received at LIN. On entering the DNIC this signal passes through a
Precanceller which is a summing amplifier and lowpass filter that partially cancels the near-end signal and provides
first order antialiasing for the received signal. Internal, partial cancellation of the near end signal may be disabled by
holding the Precan pin high. This mode simplifies the design of external line transceivers used for loop extension
applications. The Precan pin features an internal pull-down which allows this pin to be left unconnected in
applications where this function is not required. The resultant signal passes through a receive filter to bandlimit and
equalize it. At this point, the echo estimate from the echo canceller is subtracted from the precancelled received
signal. This difference signal is then input to the echo canceller as an error signal and also squared up by a
comparator and passed to the biphase receiver. Within the echo canceller, the sign of this error signal is
determined. Depending on the sign, the echo estimate is either incremented or decremented and this new estimate
is stored back in RAM.
The timebase in both SLV and MAS modes (generated internally in SLV mode and externally in MAS mode) is
phase-locked to the received data stream. This phase-locked clock operates the Biphase Decoder, Descrambler
and Deprescrambler in MAS mode and the entire chip in SLV mode. The Biphase Decoder decodes the received
encoded bit stream resulting in the original NRZ data which is passed onto the Descrambler and Deprescrambler
where the data is restored to its original content by performing the reverse polynomials. The SYNC bits are
F0
C4
CDSTo
CDSTi
F0o
C0 C1 C2 C3 C4 C5 C6 C7
C0 C1 C2 C3 C4 C5 C6 C7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
C0
C0
3.9
µsec
62.5
µsec
125
µsec
Channel Time 0
Channel Time 16
CLD
TCK
CDi
CDo
C0
C1
C2
C3
C4
C5
C6
C7
C6
C7
C0
C1
C0
C1
C2
C3
C4
C5
C6
C7
C6
C7
C0
C1


Similar Part No. - MT9172AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9172AP MITEL-MT9172AP Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9172AP ZARLINK-MT9172AP Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
More results

Similar Description - MT9172AP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
MT8930B MITEL-MT8930B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com