Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VER6446ZWT Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320VER6446ZWT
Description  Digital Media System-on-Chip
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VER6446ZWT Datasheet(HTML) 2 Page - Texas Instruments

  TMS320VER6446ZWT Datasheet HTML 1Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 2Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 3Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 4Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 5Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 6Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 7Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 8Page - Texas Instruments TMS320VER6446ZWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 231 page
background image
www.ti.com
1.2 Description
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
• External Memory Interfaces (EMIFs)
IEEE 802.3 Compliant
32-Bit DDR2 SDRAM Memory Controller
Media Independent Interface (MII)
With 256M-Byte Address Space (1.8-V I/O)
• VLYNQ™ Interface (FPGA Interface)
Asynchronous16-Bit Wide EMIF (EMIFA)
• Host Port Interface (HPI) with 16-Bit
With 128M-Byte Address Reach
Multiplexed Address/Data
• Flash Memory Interfaces
• USB Port With Integrated 2.0 PHY
• NOR (8-/16-Bit-Wide Data)
USB 2.0 High-/Full-Speed (480-Mbps) Client
• NAND (8-/16-Bit-Wide Data)
USB 2.0 High-/Full-/Low-Speed Host
• Flash Card Interfaces
(Mini-Host, Supporting One External
Multimedia Card (MMC)/Secure Digital (SD)
Device)
with Secure Data I/O (SDIO)
• Three Pulse Width Modulator (PWM) Outputs
Compact Flash Controller With True IDE
• On-Chip ARM ROM Bootloader (RBL) to Boot
Mode
From NAND Flash or UART
SmartMedia
• ATA/ATAPI I/F (ATA/ATAPI-6 Specification)
• Enhanced Direct-Memory-Access (EDMA)
• Individual Power-Saving Modes for ARM/DSP
Controller (64 Independent Channels)
• Flexible PLL Clock Generators
• Two 64-Bit General-Purpose Timers (Each
Configurable as Two 32-Bit Timers)
• IEEE-1149.1 (JTAG) Boundary-
Scan-Compatible
• One 64-Bit Watch Dog Timer
• Up to 71 General-Purpose I/O (GPIO) Pins
• Three UARTs (One with RTS and CTS Flow
(Multiplexed With Other Device Functions)
Control)
• 361-Pin Pb-Free BGA Package
• One Serial Port Interface (SPI) With Two
(ZWT Suffix), 0.8-mm Ball Pitch
Chip-Selects
• 0.09-µm/6-Level Cu Metal Process (CMOS)
• Master/Slave Inter-Integrated Circuit (I2C
Bus™)
• 3.3-V and 1.8-V I/O, 1.2-V Internal
• Audio Serial Port (ASP)
• Applications:
I2S
Digital Media
AC97 Audio Codec Interface
Networked Media Encode/Decode
Standard Voice Codec Interface (AIC12)
Video Imaging
• 10/100 Mb/s Ethernet MAC (EMAC)
The TMS320DM6446 (also referenced as DM6446) leverages TI’s DaVinci™ technology to meet the
networked media encode and decode application processing needs of next-generation embedded devices.
The DM6446 enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, high processing performance, and long battery life through the
maximum flexibility of a fully integrated mixed processor solution.
The dual-core architecture of the DM6446 provides benefits of both DSP and Reduced Instruction Set
Computer (RISC) technologies, incorporating a high-performance TMS320C64x+ DSP core and an
ARM926EJ-S core.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core incorporates:
• A coprocessor 15 (CP15) and protection module
• Data and program Memory Management Units (MMUs) with table look-aside buffers.
• Separate 16K-byte instruction and 8K-byte data caches. Both are four-way associative with virtual
index virtual tag (VIVT).
Digital Media System-on-Chip (DMSoC)
2
Submit Documentation Feedback


Similar Part No. - TMS320VER6446ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320V642AGDK5 TI-TMS320V642AGDK5 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320V642AGDK6 TI-TMS320V642AGDK6 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320V642AGNZ6 TI-TMS320V642AGNZ6 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320V642AZDK5 TI-TMS320V642AZDK5 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320V642AZDK6 TI-TMS320V642AZDK6 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VER6446ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com