Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSCQ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSCQ
Description  Green Mode Fairchild Power Switch (FPS??
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSCQ_06 Datasheet HTML 4Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 5Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 6Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 7Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 8Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 9Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 10Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 11Page - Fairchild Semiconductor FSCQ_06 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Electrical Characteristics (Continued)
(TA = 25°C unless otherwise specified)
Notes:
6. These parameters, although guaranteed, are tested only in EDS (wafer test) process.
7. These parameters, although guaranteed at the design, are not tested in mass production.
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
Control Section
Switching Frequency
FOSC
VFB = 5V, VCC = 18V
18
20
22
kHz
Switching Frequency Variation7
∆F
OSC
-25
°C ≤ T
A ≤ 85°C0
±5
±10
%
Feedback Source Current
IFB
VFB = 0.8V, VCC = 18V
0.5
0.65
0.8
mA
Maximum Duty Cycle
DMAX
VFB = 5V, VCC = 18V
92
95
98
%
Minimum Duty Cycle
DMIN
VFB = 0V, VCC = 18V
0
%
UVLO Threshold Voltage
VSTART
VFB = 1V
14
15
16
V
VSTOP
89
10
Soft Start Time6
TSS
18
20
22
ms
Burst Mode Section
Burst Mode Enable Feedback Voltage
VBEN
0.25
0.40
0.55
V
Burst Mode Feedback Source Current
IBFB
VFB = 0V
60
100
140
µA
Burst Mode Switching Time
TBS
VFB = 0.9V, Duty = 50%
1.2
1.4
1.6
ms
Burst Mode Hold Time
TBH
VFB = 0.9V → 0V
1.2
1.4
1.6
ms
Protection Section
Shutdown Feedback Voltage
VSD
VCC = 18V
7.0
7.5
8.0
V
Shutdown Delay Current
IDELAY
VFB = 5V, VCC = 18V
4
5
6
µA
Over Voltage Protection
VOVP
VFB = 3V
11
12
13
V
Over Current Latch Voltage6
VOCL
VCC = 18V
0.9
1.0
1.1
V
Thermal Shutdown Temp7
TSD
140
°C


Similar Part No. - FSCQ_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RTYDTU FAIRCHILD-FSCQ0565RTYDTU Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ0565RTYDTU FAIRCHILD-FSCQ0565RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results

Similar Description - FSCQ_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com