Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2014 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # H2014
Description  10/100BASE-TX VoIP Magnetics Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H2014 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  H2014 Datasheet HTML 1Page - Pulse A Technitrol Company H2014 Datasheet HTML 2Page - Pulse A Technitrol Company H2014 Datasheet HTML 3Page - Pulse A Technitrol Company H2014 Datasheet HTML 4Page - Pulse A Technitrol Company H2014 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
2
H327.L (5/07)
16 Surfaces
.350
8,89
.010
0,25
.004/0,10
.235
5,97
7X .050
1,27
.035
0,89
16X 0° – 8°
.500
12,70
.265
6,73
.370
9,40
H1197
Date Code
Country of Origin
16X .018/.020
0,46/0,51
.270
6,86
.075
1,91
.420
10,67
.350
8,89
.050
1,27
.025
0,64
16 Surfaces
.350
8,89
.010
0,25
.004/0,10
.235
5,97
7X .050
1,27
.035
0,89
16X 0° – 8°
.500
12,70
.280
7,11
.370
9,40
H/HX2019
Date Code
Country of Origin
16X .018/.020
0,46/0,51
.300
7,62
.410
10,41
.350
8,89
.050
1,27
.025
0,64
H1197
Mechanicals
H2005A
Dimensions: Inches
Unless otherwise specified, all tolerances are ± .010
mm
0,25
Dimensions: Inches
Unless otherwise specified, all tolerances are ± .010
mm
0,25
Weight . . . . . . . . . . 2.8 grams
Tape & Reel . . . . . . . 600/reel
Tube . . . . . . . . . . . . . 45/tube
Weight . . . . . . . . . .2.7 grams
Tape & Reel . . . . . . .300/reel
Tube . . . . . . . . . . . . . .25/tube
POWER OVER ETHERNET
(PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
Weight . . . . . . . . . 1.0 grams
Tape & Reel . . . . . . . 600/reel
Tube . . . . . . . . . . . . . 45/tube
H2006A, H2008
Weight . . . . . . . . . . 2.4 grams
Tape & Reel . . . . . . . 350/reel
Tube . . . . . . . . . . . . . 35/tube
24X 0° – 8°
24X .035
0,89
.510
12,95
.600
15,24
.039
0,99
=. 429
10,90
11X
.740
18,80
.039
0,99
24X .016
0,41
24 SURFACES
.010
0,25
.280
7,11
.004 / 0,10
11X.039
0,99
=. 429
10,90
.039
0,99
24X .025
0,64
.620
15,75
.770
19,56
Patent Pending
Date Code Country of Origin
H2006A/2008
.040
1,02
24X .016
0,41
.590
14,99
.537
13,64
.470
11,94
11X
. 440
11,18
.040
1,02
11X
= . 440
11,18
.040
1,02
24X
.025
0,64
.040
1,02
.490
12,45
.620
15,75
24 SURFACES
.004 / 0,10
.010
0,25
.245
6,22
24X 0°– 8°
24X
.035
0,89
Patent Pending
Date Code Country of Origin
H2019, HX2019


Similar Part No. - H2014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H2014B-3 ETC2-H2014B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
H2014B-3 ETC-H2014B-3 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Pulse A Technitrol Comp...
H2014NL PULSE-H2014NL Datasheet
646Kb / 5P
   10/100BASE-TX VoIP Magnetics Modules
More results

Similar Description - H2014

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H2008NLT PULSE-H2008NLT Datasheet
646Kb / 5P
   10/100BASE-TX VoIP Magnetics Modules
HX2019NLT PULSE-HX2019NLT Datasheet
1Mb / 5P
   100Base-TX VoIP Magnetics Modules
logo
Nuvotem Talema
VO-100A TALEMA-VO-100A Datasheet
163Kb / 2P
   SMD 10/100Base-TX VoIP Magnetics
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16112S1 VITALCONN-TA16112S1 Datasheet
253Kb / 1P
   POWER OVER ETHERNET PoE Plus MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
logo
XFMRS Inc.
XF6692TX XFMRS-XF6692TX Datasheet
58Kb / 1P
   10/100BASE-TX MAGNETICS
XF6611TX1B XFMRS-XF6611TX1B Datasheet
45Kb / 1P
   10/100BASE-TX MAGNETICS
XF6611TX1B XFMRS-XF6611TX1B_15 Datasheet
45Kb / 1P
   10/100BASE-TX MAGNETICS
XF6692TX XFMRS-XF6692TX_15 Datasheet
58Kb / 1P
   10/100BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com