Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30UD Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4BC30UD
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30UD Datasheet(HTML) 5 Page - International Rectifier

  IRG4BC30UD Datasheet HTML 1Page - International Rectifier IRG4BC30UD Datasheet HTML 2Page - International Rectifier IRG4BC30UD Datasheet HTML 3Page - International Rectifier IRG4BC30UD Datasheet HTML 4Page - International Rectifier IRG4BC30UD Datasheet HTML 5Page - International Rectifier IRG4BC30UD Datasheet HTML 6Page - International Rectifier IRG4BC30UD Datasheet HTML 7Page - International Rectifier IRG4BC30UD Datasheet HTML 8Page - International Rectifier IRG4BC30UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Fit Rate / Equivalent Device Hours
λ = Proportion allowed system failures
X
1
X
10
9
=
FITS
Time period
No. of devices
In the case of the example,
λ =
0.01 Failures
X
1
=
10
9
=
14 FITS
720 Hours
1000 Devices
or 14 FITs or 14 failures per 10
9 devices hours.
Traditionally, reliability results have been presented in terms of Mean-Time-To-Failure
or Median-Time-To-Failure.
While these results have their value, they do not
necessarily tell the designer what he most needs to know. For example, the Median-
Time-To-Failure tells the engineer how long it will take for half a particular lot of
devices to fail. Clearly no designer wishes to have a 50% failure rate within a
reasonable equipment lifetime. Of greater interest, therefore, is the time to failure of a
much smaller percentage of devices say 1% or 0.1%. For example, in a given
application one failure per hundred units over five years is an acceptable failure rate
for the equipment, the designer knows that time to accumulate 1% failure of that
components per unit, then no more than 0.1% of the components may fail in five
years. Therefore, the IGBT / CoPack reliability or operating-life data is presented in
terms of the time it will take to produce a prescribed number of failures under given
operating conditions.
To obtain a perspective of failure rate from an example, let us assume that an
electronic system contains 1,000 semiconductor devices, and that it can tolerate 1%
system failures per month. The equation for the device failure is:
IGBT / CoPack
Quarterly Reliability Report
Page 5 of 35


Similar Part No. - IRG4BC30UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
279Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
386Kb / 10P
   ULTRA FAST COPACK IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF_15 Datasheet
386Kb / 10P
   ULTRA FAST COPACK IGBT
More results

Similar Description - IRG4BC30UD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com