Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29VE010-120-4I-EH Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST29VE010-120-4I-EH
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010-120-4I-EH Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST29VE010-120-4I-EH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010-120-4I-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FIGURE 2: PIN ASSIGNMENTS FOR 32-PIN PLASTIC DIPS AND 32-LEAD PLCCS
FIGURE 1: PIN ASSIGNMENTS FOR 32-PIN TSOP PACKAGES
304 MSW F01.1
304 MSW F02.1
TABLE 2: PIN DESCRIPTION
Symbol
Pin Name
Functions
A16-A7
Row Address Inputs
To provide memory addresses. Row addresses define a page for a
write cycle.
A6-A0
Column Address
Column Addresses are toggled to load page data.
Inputs
DQ7-DQ0
Data Input/output
To output data during read cycles and receive input data during write
cycles. Data is internally latched during a write cycle. The outputs are in
tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the write operations
Vcc
Power Supply
To provide 5-volt supply (± 10%) for the 29EE010, 3-volt supply (3.0-3.6V)
for the 29LE010 and 2.7-volt supply (2.7-3.6V) for the 29VE010
Vss
Ground
NC
No Connection
Unconnected pins.
304 PGM T2.0
Standard Pinout
Top View
Die up
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
Vss
DQ2
DQ1
DQ0
A0
A1
A2
A3
A11
A9
A8
A13
A14
NC
WE#
Vcc
NC
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
32-Lead PLCC
Top View
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ1
Vss
DQ4
DQ6
DQ2
DQ3
DQ5
14 15 16
17 18 19
20
4
3
2
1
32 31 30
A15
NC
WE#
A12
A16
Vcc
NC
Top View
32-Pin PDIP
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Vcc
WE#
NC
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17


Similar Part No. - SST29VE010-120-4I-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010-120-4I-EH SST-SST29VE010-120-4I-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29VE010-120-4I-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com