Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4093BFN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC4093BFN
Description  Quad 2-Input NAND Schmitt Triggers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4093BFN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC4093BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4093BFN Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC4093BP/BF/BFN
2007-10-01
3
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.00
10.00
15.00
4.95
9.95
14.95
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.50
−1.50
−4.00
−0.51
−2.10
−1.30
−3.40
−1.0
−4.0
−2.2
−9.0
−0.42
−1.70
−1.10
−2.80
Output high current
IOH
VIN = VSS, VDD
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.5
4.0
0.51
1.30
3.40
1.5
3.8
15.0
0.42
1.10
2.80
Output low current
IOL
VIN = VDD
mA
High threshold
voltage
VP
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
2.05
4.10
6.20
2.8
5.3
7.8
3.55
7.00
10.40
V
Low threshold
voltage
VN
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
1.5
3.2
4.8
2.3
4.5
6.6
3.15
6.30
9.30
V
Hysteresis voltage
VH
5
10
15
0.20
0.30
0.45
0.5
0.8
1.2
0.85
1.40
1.90
V
“H” level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
1
2
4
0.001
0.002
0.004
1
2
4
7.5
15.0
30.0
μA
Note: All valid input combinations.


Similar Part No. - TC4093BFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4093BFN TOSHIBA-TC4093BFN Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
More results

Similar Description - TC4093BFN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
   Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
   QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
   CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com