Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29VE010-250-3C-WH Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST29VE010-250-3C-WH
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010-250-3C-WH Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST29VE010-250-3C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29VE010-250-3C-WH Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TABLE 13: PAGE-WRITE CYCLE TIMING PARAMETERS
29EE010
29LE/VE010
Symbol
Parameter
Min
Max
Min
Max
Units
TWC
Write Cycle (erase and program)
10
10
ms
TAS
Address Setup Time
0
0
ns
TAH
Address Hold Time
50
70
ns
TCS
WE# and CE# Setup Time
0
0
ns
TCH
WE# and CE# Hold Time
0
0
ns
TOES
OE# High Setup Time
0
0
ns
TOEH
OE# High Hold Time
0
0
ns
TCP
CE# Pulse Width
70
120
ns
TWP
WE# Pulse Width
70
120
ns
TDS
Data Setup Time
35
50
ns
TDH
Data Hold Time
0
0
ns
TBLC(1)
Byte Load Cycle Time
0.05
100
0.05
100
µs
TBLCO(1)
Byte Load Cycle Time
200
200
µs
TIDA
Software ID Access and Exit Time
10
10
µs
TSCE
Software Chip Erase
20
20
ms
Note: (1)This parameter is measured only for initial qualification and after the design or process change that could affect this parameter.
304 PGM T13.1


Similar Part No. - SST29VE010-250-3C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010-250-4C-EH SST-SST29VE010-250-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-EH SST-SST29VE010-250-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-NH SST-SST29VE010-250-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-NH SST-SST29VE010-250-4C-NH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-250-4C-PH SST-SST29VE010-250-4C-PH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29VE010-250-3C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com