Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9318AFBG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9318AFBG
Description  Single Chip DTS Microcontroller (DTS-21)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9318AFBG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9318AFBG Datasheet HTML 1Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 2Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 3Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 4Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 5Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 6Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 7Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 8Page - Toshiba Semiconductor TC9318AFBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
TC9318AFAG/AFBG
2006-07-27
4
Explanation of Function
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
1
COM1
2
COM2
3
COM3
LCD common output
Output common signals to the LCD panel.
Through a matrix with pins S1~S23, a maximum of
69 segments can be displayed.
Three levels, VLCD, VEE, and GND, are output at
83 Hz every 2 ms.
VEE is output after SYSTEM RESET and CLOCK
STOP are released, and a common signal is
output after the DISP OFF bit is set to “0”.
4~18
S1~S15
LCD segment output
19~26
S16/KR7~
S23/KR0
LCD segment
output/Key return
timing output
Segment signal output pins for the LCD panel.
Together with COM1, COM2, and COM3, a matrix
is formed that can display a maximum of 69
segments.
The signals for the key matrix and the segment
signals from pins S16/KR7~S23/KR0 are output on
a time division basis. 4
× 8 = 32 key matrix can be
created in conjunction with key input ports K0~K3.
27~30
K0~K3
Key input ports
4 bit input ports for key matrix input.
Combined in a matrix with key return timing
outputs of the LCD segment pins, data from a
maximum of 4
× 8 = 32 keys can be input and pins
are pulled up. On the key seteutining output pins,
data from 4
× 6 = 24 keys can be input and pins
are pulled down. The WAIT mode is released
when high level is applied to key input ports set to
pull-down.
31~36
T0~T5
Key return timing
output port
These ports output the timing signal for key
matrix. To form the key matrix, load resistance
has been built-in the N-channel side. When the
key matrix combined with push-key, that does not
need a key matrix diode.
37~40
P1-0~P1-3
I/O port 1
The input and output of these 4 bit I/O ports can
be programmed in 1 bit units.
By altering the input to I/O ports set to input, the
CLOCK STOP and WAIT modes can be released,
and the MUTE bit of the MUTE pin can be set to
“1”.


Similar Part No. - TC9318AFBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FB TOSHIBA-TC9318FB Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FB-001 TOSHIBA-TC9318FB-001 Datasheet
195Kb / 4P
   DIGITAL TUNING SYSTEM
More results

Similar Description - TC9318AFBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com