Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA62746AFG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCA62746AFG
Description  16-Output Constant Current LED Driver with Output Open/Short Detection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCA62746AFG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCA62746AFG Datasheet HTML 1Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 2Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 3Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 4Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 5Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 6Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 7Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 8Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TCA62746AFG/AFNG
2007-05-22
5
Pin Functions
Pin No
Pin Name
I/O
Function
1
GND
The ground pin.
2
SIN
I
The serial data input pin.
3
SCK
I
The serial data transfer clock input pin.
Also used for OOD/OSD mode settings.
4
SLAT
I
The latch signal input pin.
Data is saved at L level.
Also used for OOD/OSD mode settings.
5
0
OUT
O
A sink type constant current output pin.
6
1
OUT
O
A sink type constant current output pin.
7
2
OUT
O
A sink type constant current output pin.
8
3
OUT
O
A sink type constant current output pin.
9
4
OUT
O
A sink type constant current output pin.
10
5
OUT
O
A sink type constant current output pin.
11
6
OUT
O
A sink type constant current output pin.
12
7
OUT
O
A sink type constant current output pin.
13
8
OUT
O
A sink type constant current output pin.
14
9
OUT
O
A sink type constant current output pin.
15
10
OUT
O
A sink type constant current output pin.
16
11
OUT
O
A sink type constant current output pin.
17
12
OUT
O
A sink type constant current output pin.
18
13
OUT
O
A sink type constant current output pin.
19
14
OUT
O
A sink type constant current output pin.
20
15
OUT
O
A sink type constant current output pin.
21
OE
I
The constant current output enable signal input pin.
During the “H” level, the output will be forced off.
Also used for OOD/OSD mode settings.
22
SOUT
O
The serial data output pin.
This pin outputs the OD/OSD detection result data.
23
REXT
The constant current value setting resistor connection pin.
24
VDD
The power supply input pin.


Similar Part No. - TCA62746AFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results

Similar Description - TCA62746AFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com