Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62C852PG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TD62C852PG
Description  8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62C852PG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TD62C852PG Datasheet HTML 1Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 2Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 3Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 4Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 5Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 6Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 7Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 8Page - Toshiba Semiconductor TD62C852PG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TD62C851,852PG
2006-06-14
5
RECOMMENDED OPERATING CONDITIONS (Ta = −40~85°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Input Voltage
VIN
0
VDD
V
Output Current (“H” Level)
S−OUT
IOH
Ta = 25°C
−0.4
mA
Output Voltage (“L” Level)
On
VOH
0
50
V
S−OUT
0.4
DC 1 circuit, Ta = 25°C
0
160
Duty = 10%
0
160
TD62C
851PG
8 circuit on
Tpw = 25 ms
Ta = 85°C
VDD = 5.5 V
Duty = 40%
0
95
D C 1 circuit, Ta = 25°C
0
400
Duty = 10%
0
400
Output
Current
(“L” Level)
TD62C
852PG
On
IOL
8 circuit on
Tpw = 25 ms
Ta = 85°C
VDD = 5.5 V
Duty = 50%
0
170
mA /
ch
Clock Frequency
fCLOCK
1.5
MHz
Clock Pulse Width
fw CLOCK
0.33
µs
Data Set Up Time
tsetup
100
ns
Data Hold Time
thold
100
ns
Clamp Diode Reverse Voltage
VR
0
50
V
TD62C851PG
0
160
Clamp Diode Forward
Current
TD62C852PG
IF
0
400
mA


Similar Part No. - TD62C852PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62C852P TOSHIBA-TD62C852P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results

Similar Description - TD62C852PG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TB62702P TOSHIBA-TB62702P Datasheet
279Kb / 8P
   10 BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/ LATCH/10SEGMENT LED DRIVERS
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com